Part Number Hot Search : 
B44066 C1334 2SB1417 BA7046F M61084FP RU5024 C1334 GM3842
Product Description
Full Text Search
 

To Download 232262623222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2322 626 2....
Vishay BCc
NTC Thermistors, Glass Encapsulated Miniature Bead
FEATURES
* Small diameter * Quick response to changes in temperature * Very high long term stability * High temperature operation * Resistant to aggressive environments
APPLICATIONS QUICK REFERENCE DATA
PARAMETER Resistance value at 25 C Tolerance on R25-value B25/85-value Tolerance on B25/85-value Maximum dissipation at 55 C Dissipation factor Response time; note 1 Thermal time constant Operating temperature range: at zero dissipation at maximum dissipation Dielectric withstanding voltage (RMS) between terminals and glass envelope Insulation resistance between terminals and glass envelope at 10 V (DC) Mass Note 1. Response time in silicone oil MS200/50. This is the time needed for the sensor to reach 63.2% of the total temperature difference when subjected to a temperature change from 25 C in air to 85 C in oil. -55 to +200 C or -55 to +300 C 0 to 55 C min. 100 V min. 10 M VALUE 1 k to 1 M 5%; 10% 2075 to 4100 K 5% 100 mW 0.8 mW/K 1 s 7.5 s
Temperature measurement and control up to 300 C. Bead thermistor with negative temperature coefficient, in a glass envelope with two tinned durnet (CuNiFe) leads. The device is non-flammable.
MOUNTING
By soldering in any position.
PACKAGING
The thermistors are packed in cardboard boxes; the smallest packaging quantity is 100 units.
33 mg
ELECTRICAL DATA AND ORDERING INFORMATION
R25 (k) 1 2.2 4.7 10 22 47 100 220 470 1000 Note 1. R25-values, temperature coefficients and catalog numbers. 2. The thermisters have a 12-digit catalog number starting with 2322 626 2. The subsequent 4 digits indicate the resistance value and tolerance. Document Number: 29062 Revision: 08-May-03 For technical questions contact: nlr.europe@vishay.com www.vishay.com 1 B25/85-VALUE 2075 K 5% 2285 K 5% 2485 K 5% 3750 K 5% 3560 K 5% 3750 K 5% 3900 K 5% 3860 K 5% 3950 K 5% 4100 K 5% Tmax (C) 200 200 200 200 200 200 300 300 300 300 TC (%/K) -2.3 -2.6 -2.8 -4.2 -4.0 -4.2 -4.4 -4.3 -4.5 -4.6 CATALOG NUMBER 2322 626 2.... R25 5% 3102 3222 3472 3103 3223 3473 3104 3224 3474 3105 R25 10% 2102 2222 2472 2103 2223 2473 2104 2224 2474 2105
2322 626 2....
Vishay BCc
NTC Thermistors, Glass Encapsulated Miniature Bead
DIMENSIONS in millimeters
Component outline.
1.6 max. 6.4 max. 19 min.
0.24
DERATING
P (%) 100
0 -55 0 55 85 Tamb (C) 300
Power derating curve.
www.vishay.com 2
For technical questions contact: nlr.europe@vishay.com
Document Number: 29062 Revision: 08-May-03


▲Up To Search▲   

 
Price & Availability of 232262623222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X